Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-RSA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-RSA
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-RSA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-RSA Datasheet HTML 1Page - M-System Co.,Ltd. R5-RSA Datasheet HTML 2Page - M-System Co.,Ltd. R5-RSA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-RSA
R5-RSA SPECIFICATIONS
ES-6130 Rev.4 Page 1/3
http://www.m-system.co.jp/
Remote I/O R5 Series
RTD INPUT MODULE
(high resolution)
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: R5-RSA[1][2][3]
ORDERING INFORMATION
• Code number: R5-RSA[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. R5-RSA2W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NO. OF CHANNELS
1: 1 channel
2: 2 channels
[2] COMMUNICATION MODE
S: Single
W: Dual
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Input: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Input 1 to input 2 to internal bus or internal power
Sensor type: Selectable with the side DIP SW
Temperature unit: °C or °F selectable with the side DIP SW
Burnout detection: Upscale or downscale selectable with the
side DIP SW
Linearization: Standard
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
INPUT SPECIFICATIONS
Maximum leadwire resistance: 10 Ω per wire
Sensing current: ≤ 1 mA
(Factory setting is Pt 100 (JIS '97, IEC))
Temperature range
RTD
USABLE RANGE BURNOUT VALUES
°C
°C × 100
JPt 100 (JIS ’89)
-20 to +200
-23600, +32767
Pt 100 (JIS ’89)
-20 to +200
-24000, +32767
Pt 100 (JIS ’97, IEC)
-20 to +200
-24000, +32767
RTD
USABLE RANGE BURNOUT VALUES
°F
°F × 10
JPt 100 (JIS ’89)
-4 to +392
-3928, +10400
Pt 100 (JIS ’89)
-4 to +392
-4000, +16500
Pt 100 (JIS ’97, IEC)
-4 to +392
-4000, +16500
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Conversion accuracy: ±0.1°C (±0.2°F)
Data range
°C: Engineering unit value × 100 (integer)
°F: Engineering unit value × 10 (integer)
Data allocation: 1 (2 for 2-channel type)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.2 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)


Similar Part No. - R5-RSA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-RS1S MSYSTEM-R5-RS1S Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-RS1S/Q MSYSTEM-R5-RS1S/Q Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-RS1W MSYSTEM-R5-RS1W Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-RS1W/Q MSYSTEM-R5-RS1W/Q Datasheet
126Kb / 3P
Remote I/O R5 Series
More results

Similar Description - R5-RSA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TDC4 MSYSTEM-R5-TDC4 Datasheet
117Kb / 3P
Remote I/O R5 Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-SS MSYSTEM-R5-SS Datasheet
110Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
R5T-YV MSYSTEM-R5T-YV Datasheet
110Kb / 3P
Remote I/O R5 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com