Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-RSA2S Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-RSA2S
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-RSA2S Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-RSA2S Datasheet HTML 1Page - M-System Co.,Ltd. R5-RSA2S Datasheet HTML 2Page - M-System Co.,Ltd. R5-RSA2S Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-RSA
R5-RSA SPECIFICATIONS
ES-6130 Rev.4 Page 2/3
http://www.m-system.co.jp/
EXTERNAL VIEW
Euro Type
Connector Terminals
RUN LED
4 5 6
1 2 3
1 2 3 4 5 6 7 8
RUN
RTD
Burnout
Temp. Unit
Function
■ SIDE VIEW
■ FRONT VIEW
INPUT DATA DESCRIPTIONS
■ ANALOG DATA (TEMPERATURE DATA)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 100. For example, 25.5°C is converted into 2550.
With °F temperature unit, raw data is multiplied by 10. For example, 135.4°F is converted into 1354.
Minus temperature is converted into negative values, represented in 2’s complements.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4 5 6
1 2 3
6.5
(.26)
90 (3.54)
LOCKING CLAMP
18 (.71)
POSITIONING GUIDE
*
*Euro type connector terminals (4, 5 and 6) provided only with 2-ch. option.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com