Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-PC2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-PC2
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-PC2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-PC2 Datasheet HTML 1Page - M-System Co.,Ltd. R5-PC2 Datasheet HTML 2Page - M-System Co.,Ltd. R5-PC2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-PC2
R5-PC2 SPECIFICATIONS
ES-6140 Rev.11 Page 2/3
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to internal bus or internal power – Basic insulation
(300 V)
RoHS Directive
FUNCTIONS
■ Counter reset
1) Remove Network Module or its cables and interrupt
communication with other devices.
2) Turn ON the Counter Reset SW (SW8) on the module.
3) Return the module to the base and turn the power supply
on.
4) Red RUN LED turns on and the module starts resetting its
counter. When the resetting is complete, the LED light turns
to green. DO NOT remove the power while the red light is
on.
5) After the green LED is confirmed, turn the power supply
off.
6) Turn OFF the Counter Reset SW (SW8).
7) Return the Network module onto the base and turn the
power supply on.
Note: Counter Reset SW must be turned OFF after this
procedure because the module does not start counting with
ON state.
EXTERNAL VIEW
Euro Type
Connector Terminals
4 5 6
1 2 3
1
Counter
Reset
Unused
2 3 4 5 6 7 8
1
2
RUN
3
4
Status Indicator LED
RUN LED
Note: Counter Reset SW is normally OFF during operation.
ON
OFF
Pulse Width
■ SIDE VIEW
■ FRONT VIEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com