Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-PC2S Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-PC2S
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-PC2S Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-PC2S Datasheet HTML 1Page - M-System Co.,Ltd. R5-PC2S Datasheet HTML 2Page - M-System Co.,Ltd. R5-PC2S Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R5-PC2
R5-PC2 SPECIFICATIONS
ES-6140 Rev.11 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
4 5 6
1 2 3
6.5
(.26)
90 (3.54)
LOCKING CLAMP
18 (.71)
POSITIONING GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
5
1
3
4
6
Po 1
Po 2
COM1
COM2
1
3
INTERNAL POWER
INTERNAL BUS A
*INTERNAL BUS B
*For dual redundant communication.
N
ote: Italic typed numbers correspond to the LEDs on the front panel.
Isolation
Isolation
Communication
Circuit
Control
Circuit
DIP SW
RUN
LED
OUTPUT STATUS
INDICATOR LED
• • • • •
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com