Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-PSL/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-PSL/Q
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-PSL/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-PSL/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-PSL/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-PSL/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R5-PS
R5-PS SPECIFICATIONS
ES-6110 Rev.14 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
2
3
4
1
5
90 (3.54)
TERMINAL COVER
7 (.28)
5–M3.5 TERMINAL SCREW
45 (1.77)
LOCKING CLAMP
POSITIONING GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
INTERNAL BUS
1
2
3
4
5
U (+)
V (–)
*FG
RUN
+
RUN
–
POWER INPUT
RUN CONTACT OUTPUT
Control
Circuit
POWER LED
Isolation
*In order to improve EMC performance, bond the FG terminal to ground.
Caution: This terminal is NOT a protective conductor terminal.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com