Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV7002
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV7002 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV7002 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: MPXV7002
Rev 0, 09/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXV7002 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications, but
particularly those employing a microcontroller or microprocessor with A/D inputs.
This transducer combines advanced micromachining techniques, thin-film
metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
•
2.5% Typical Error over +10
°C to +60°C with Auto Zero
•
6.25% Maximum Error over +10
°C to +60°C without Auto Zero
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
•
Thermoplastic (PPS) Surface Mount Package
•
Temperature Compensated over +10
° to +60°C
•
Patented Silicon Shear Stress Strain Gauge
•
Available in Differential and Gauge Configurations
Typical Applications
•
Hospital Beds
•HVAC
•
Respiratory Systems
•
Process Control
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV7002 SERIES)
Ported
Elements
Gauge, Axial Port, SMT
482A
MPXV7002GC6U
Rails MPXV7002G
Gauge, Axial Port, SMT
482A
MPXV7002GC6T1 Tape &
Reel
MPXV7002G
Gauge, Side Port, SMT
1369
MPXV7002GP
Trays MPXV7002G
Differential, Dual Port,
SMT
1351
MPXV7002DP
Trays MPXV7002G
Differential, Dual Port,
SMT
1351
MPXV7002DPT1
Tape &
Reel
MPXV7002G
MPXV7002
SERIES
INTEGRATED
PRESSURE SENSOR
-2 to 2 kPa (-0.3 to 0.3 psi)
0.5 to 4.5 V OUTPUT
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
Gnd
7
N/C
4
Vout
8
N/C
MPXV7002DP
CASE 1351-01
MPXV7002GP
CASE 1369-01
SMALL OUTLINE PACKAGE
MPXV7002GC6U
CASE 482A-01
Sensing
Element
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry
VS
Vout
GND
Pins 1 and 5 through 8 are NO CONNECTS
for surface mount package


Similar Part No. - MPXV7002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV7002 FREESCALE-MPXV7002 Datasheet
212Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV7002 NXP-MPXV7002 Datasheet
277Kb / 13P
MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 03/2017
logo
Freescale Semiconductor...
MPXV7002 FREESCALE-MPXV7002 Datasheet
256Kb / 2P
Pressure Sensor Functional Package Board
REV 0
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
205Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
212Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated
More results

Similar Description - MPXV7002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com