Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP5D Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSP5D
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5D Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP5D Datasheet HTML 1Page - M-System Co.,Ltd. MSP5D Datasheet HTML 2Page - M-System Co.,Ltd. MSP5D Datasheet HTML 3Page - M-System Co.,Ltd. MSP5D Datasheet HTML 4Page - M-System Co.,Ltd. MSP5D Datasheet HTML 5Page - M-System Co.,Ltd. MSP5D Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: MSP5D
MSP5D SPECIFICATIONS
ES-4804 Rev.8 Page 1/6
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(linear type; DeviceNet)
Functions & Features
• Small-size control valve actuator
• Direct connection to DeviceNet capable PLC
and other devices on the same network
• Easy wired
• Remote configuration via DeviceNet
• Uploading device information via DeviceNet for
maintenance purpose
• 1/1000 high resolution
Typical Applications
• Small-diameter control valve used in food related plants
or in co-generation systems
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
MODEL: MSP5D-[1][2][3]-[4]R
ORDERING INFORMATION
• Code number: MSP5D-[1][2][3]-[4]R
Specify a code from below for each of [1] through [4].
(e.g. MSP5D-371-CR)
[1] STROKE
1: 5 to 10 mm (.20” to .39”)
3: 10 to 20 mm (.39” to .79”)
[2] OPERATION TIME, THRUST
4: 12 sec. / 10 mm, 300 N
6: 24 sec. / 10 mm, 500 N
7: 30 sec. / 10 mm, 700 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
[4] CE MARKING
C: With
0: Without
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Degree of protection: IP66 (IP67 connector)
Action: Direct or reverse (factory set to “reverse”)
(In “reverse” action, the output stem is retracted with an
input signal increase.)
Operation at a communication error: Extend, retract or stop
(DIP SW selectable; factory set to“stop”)
Node address: 0 – 63; DIP SW selectable
Baud rate: 125 k, 250 k, 500 k bps (DIP SW selectable;
factory set to 125 kbps)
Circuit connection
Communication: 5-core microconnector, male
Power: 4-core microconnector, male
Transmission cable: Approved for DeviceNet
(e.g. OMRON DCA1)
Power input cable: With connector
(e.g. OMRON XS2F or XS2WD42)
Housing material: Cast aluminum
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer
Isolation: Communication to power
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
MS (Module Status) indicator: Bi-color (green/red)
LED indicates device status.
NS (Network Status) indicator: Bi-color (green/red)
LED indicates status of the communication link.
Manual operating handle: Not available
OUTPUT SPECIFICATIONS
■ Operation Time & Torque (at rated power voltage)
MSP5D-x4: 12 sec. / 10 mm; 300 N ( 67 lbf)
MSP5D-x6: 24 sec. / 10 mm; 500 N (112 lbf)
MSP5D-x7: 30 sec. / 10 mm; 700 N (157 lbf)


Similar Part No. - MSP5D

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
MSP5 GRAYHILL-MSP5 Datasheet
201Kb / 4P
SERIES 34C Sub-Miniature Toggle Switches
logo
M-System Co.,Ltd.
MSP5 MSYSTEM-MSP5 Datasheet
170Kb / 6P
Final Control Elements
logo
Vishay Siliconix
MSP5.0A VISHAY-MSP5.0A Datasheet
109Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Aug-08
MSP5.0A VISHAY-MSP5.0A Datasheet
90Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
MSP5.0A-M3 VISHAY-MSP5.0A-M3 Datasheet
92Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
12-Jul-12
More results

Similar Description - MSP5D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5C2 MSYSTEM-MSP5C2 Datasheet
183Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com