Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002GC6U Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXV7002GC6U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV7002GC6U Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXV7002GC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV7002GC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPXV7002
Sensors
4
Freescale Semiconductor
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing a gel die coat which
protects the die from harsh media.
The Pressure (P1) side may be identified by using the
table below:
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct
footprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and
shorting between solder pads.
Figure 5. Small Outline Package Footprint
Part Number
Case Type
Pressure (P1)
Side Identifier
MPXV7002GC6U/GC6T1
482A-01
Vertical Port Attached
MPXV7002GP
1369-01
Side with Port Attached
MPXV7002DP
1351-01
Side with Dual Port Attached
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com