Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3316FH-R27 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC3316FH-R27
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC3316FH-R27 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC3316FH-R27 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC3316FH
89
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductanc
e
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC3316FH-R27
0.27
100KHZ
2.0m
20.0
17.8
SC3316FH-R56
0.56
100KHZ
5.0m
13.0
11.5
SC3316FH-1R0
1.0
100KHZ
6.0m
11.0
10.5
SC3316FH-1R5
1.5
100KHZ
8.0m
9.0
8.5
SC3316FH-2R2
2.2
100KHZ
11.0m
7.8
7.4
SC3316FH-2R7
2.7
100KHZ
12.0m
7.0
6.4
SC3316FH-3R3
3.3
100KHZ
14.0m
6.4
6.4
SC3316FH-4R7
4.7
100KHZ
18.0m
5.4
5.4
SC3316FH-6R8
6.8
100KHZ
22.0m
5.0
4.5
(1). Inductance tolerance for 0.27uH~3.3uH:
±30%, for 4.7uH~6.8uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
0. 1
1
10
100
1000
10000
10
BC3316FH I nduct ance decrease by current
100000
DC current (mA)
0. 01
100
6R8
2R2
R27
BC3316FH Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
20000
30000
5000 10000 15000
35000
25000
40000
0
45000 50000
6R8
2R2
R27
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC3316FH-R27

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC3316F BEL-SC3316F Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-100 BEL-SC3316F-100 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-101 BEL-SC3316F-101 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-102 BEL-SC3316F-102 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316F-150 BEL-SC3316F-150 Datasheet
815Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC3316FH-R27

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com