Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5022F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC5022F
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC5022F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC5022F Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC5022F
83
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC5022F-1R0
1.0
100KHZ
9m
20.0
10.5
SC5022F-2R2
2.2
100KHZ
14m
16.0
9.00
SC5022F-3R3
3.3
100KHZ
15m
14.0
8.00
SC5022F-4R7
4.7
100KHZ
19m
13.0
7.10
SC5022F-5R6
5.6
100KHZ
20m
12.0
6.30
SC5022F-6R8
6.8
100KHZ
25m
11.5
5.60
SC5022F-100
10
100KHZ
31m
10.0
5.20
SC5022F-150
15
100KHZ
36m
8.0
4.50
SC5022F-220
22
100KHZ
47m
7.0
3.90
SC5022F-330
33
100KHZ
66m
5.5
3.30
SC5022F-470
47
100KHZ
86m
4.5
2.80
SC5022F-680
68
100KHZ
0.13
3.5
2.36
SC5022F-101
100
100KHZ
0.19
3.0
1.95
SC5022F-151
150
100KHZ
0.25
2.6
1.60
SC5022F-221
220
100KHZ
0.38
2.4
1.20
SC5022F-331
330
100KHZ
0.56
1.9
1.00
SC5022F-471
470
100KHZ
0.85
1.4
0.80
SC5022F-681
680
100KHZ
1.24
1.2
0.68
SC5022F-102
1000
100KHZ
1.80
1.0
0.58
(1). Inductance tolerance for 1.0uH~3.3uH:
±30%, for 4.7uH~1000uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
1
10
100
1000
100
1000
10000
10
100000
DC cur r ent ( mA)
10000
0. 1
BC5022F I nduct ance decr ease by cur r ent
102
470
1R0
2000 4000 6000
8000 10000 12000 14000
0
16000
BC5022F Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
18000
1R0
470
1R0
SC5022F Inductance decrease by current
DC current (mA)
DC current (mA)
SC5022F Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC5022F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC5022FH BEL-SC5022FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022FH-100 BEL-SC5022FH-100 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022FH-150 BEL-SC5022FH-150 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022FH-1R5 BEL-SC5022FH-1R5 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022FH-220 BEL-SC5022FH-220 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC5022F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com