Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5022FH-R82 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC5022FH-R82
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC5022FH-R82 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC5022FH-R82 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC5022FH
91
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DCResistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC5022FH-R47
0.47
100KHZ
2.0m
40
20.0
SC5022FH-R82
0.82
100KHZ
2.6m
30
17.0
SC5022FH-1R5
1.5
100KHZ
4.0m
25
14.2
SC5022FH-2R2
2.2
100KHZ
6.1m
20
12.0
SC5022FH-2R7
2.7
100KHZ
8.0m
18
10.0
SC5022FH-3R3
3.3
100KHZ
9.0m
17
9.4
SC5022FH-3R9
3.9
100KHZ
10m
15
9.0
SC5022FH-4R7
4.7
100KHZ
14m
13
8.0
SC5022FH-6R8
6.8
100KHZ
18m
12
6.5
SC5022FH-100
10
100KHZ
26m
10
6.0
SC5022FH-150
15
100KHZ
32m
8.0
4.8
SC5022FH-220
22
100KHZ
50m
7.6
3.6
(1). Inductance tolerance for 0.47uH~4.7uH:
±30%, for 6.8uH~220uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
0. 1
1
10
100
100
1000
10000
10
BC5022FH I nduct ance decrease by current
100000
DC current (mA)
1000
220
3R9
R47
3000
6000
9000 12000 15000 18000 21000
0
24000
BC5022FH Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
27000 30000
R47
3R9
220
SC5022FH Inductance decrease by current
DC current (mA)
DC current (mA)
SC5022FH Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC5022FH-R82

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC5022F BEL-SC5022F Datasheet
848Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022F-100 BEL-SC5022F-100 Datasheet
848Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022F-101 BEL-SC5022F-101 Datasheet
848Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022F-102 BEL-SC5022F-102 Datasheet
848Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5022F-150 BEL-SC5022F-150 Datasheet
848Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC5022FH-R82

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com