Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEP104S-R45 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCEP104S-R45
Description  SMD POWER INDUCTORS Excellent Power Density
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCEP104S-R45 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCEP104S-R45 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCEP104S
153
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1 Excellent Power Density
2 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCEP104S-R22
0.22
100KHZ
2.6m
39.6
23.0
SCEP104S-R45
0.45
100KHZ
3.7m
27.6
17.0
SCEP104S-R80
0.8
100KHZ
5.9m
20.7
14.0
SCEP104S-1R3
1.3
100KHZ
11.8m
16.6
10.5
SCEP104S-1R8
1.8
100KHZ
18.6m
13.3
8.00
SCEP104S-2R5
2.5
100KHZ
21.8m
11.8
7.40
(1). Inductance tolerance for 0.22uH:
±30%, for 0.45uH~2.5uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
1
10
100
1000
10000
100000
100
BCEP104S I nduct ance decrease by current
1000000
DC current (mA)
0. 1
0. 01
2R5
0R8
0R2
(3)
(4)
BCEP104S Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
20000
30000
5000 10000 15000
35000
25000
40000
0
45000 50000
2R5
0R8
0R2
SCEP104S Inductance decrease by current
DC current (mA)
DC current (mA)
SCEP104S Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCEP104S-R45

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCEP104L BEL-SCEP104L Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP104L-1R4 BEL-SCEP104L-1R4 Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP104L-2R2 BEL-SCEP104L-2R2 Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP104L-3R2 BEL-SCEP104L-3R2 Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP104L-4R3 BEL-SCEP104L-4R3 Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
More results

Similar Description - SCEP104S-R45

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0403 BOURNS-SDR0403 Datasheet
169Kb / 2P
SMD Power Inductors
SDR0906 BOURNS-SDR0906 Datasheet
177Kb / 2P
SMD Power Inductors
SDR1030 BOURNS-SDR1030 Datasheet
231Kb / 2P
SMD Power Inductors
logo
List of Unclassifed Man...
SCRH5D18 ETC2-SCRH5D18 Datasheet
225Kb / 1P
Magnetically shielded construction, Excellent Power Density
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
logo
Taiyo Yuden (U.S.A.), I...
NR10050T220M TAIYO-YUDEN-NR10050T220M Datasheet
152Kb / 1P
SMD Power Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
logo
Bel Fuse Inc.
SCEP104L BEL-SCEP104L Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H BEL-SCEP105H Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP125 BEL-SCEP125 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com