Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEP105L-R80 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCEP105L-R80
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCEP105L-R80 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCEP105L-R80 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCEP105L
156
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1 Excellent Power Density
2 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current (A)
Temperature
Current
(A)
SCEP105L-R36
0.36
100KHZ
2.6m
24.0
21.0
SCEP105L-R80
0.8
100KHZ
3.2m
16.0
18.0
SCEP105L-1R4
1.4
100KHZ
4.1m
12.0
14.0
SCEP105L-2R2
2.2
100KHZ
5.3m
9.6
13.0
SCEP105L-3R2
3.2
100KHZ
8.0m
7.8
10.5
SCEP105L-4R3
4.3
100KHZ
10.5m
6.8
9.0
SCEP105L-5R7
5.7
100KHZ
12.4m
5.8
8.0
SCEP105L-7R2
7.2
100KHZ
18.0m
5.3
7.8
SCEP105L-8R8
8.8
100KHZ
23.8m
4.5
7.0
(1). Inductance tolerance for 0.36uH:
±30%, for 0.8uH~8.8uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
100
1000
10000
BCEP105L I nduct ance decrease by current
100000
DC current (mA)
1
0. 1
10
0. 01
8R8
3R2
0R3
BCEP105L Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
20000
30000
5000 10000 15000
35000
25000
40000
0
45000
8R8
3R2
0R3
SCEP105L Inductance decrease by current
DC current (mA)
DC current (mA)
SCEP105L Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCEP105L-R80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCEP105H BEL-SCEP105H Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H-1R2 BEL-SCEP105H-1R2 Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H-1R5 BEL-SCEP105H-1R5 Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H-2R0 BEL-SCEP105H-2R0 Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H-2R5 BEL-SCEP105H-2R5 Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
More results

Similar Description - SCEP105L-R80

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com