Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEP134H-R30 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCEP134H-R30
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCEP134H-R30 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCEP134H-R30 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCEP134H
162
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1 Excellent Power Density
2 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCEP134H-R30
0.3
100KHZ
2.5m
35.0
18.0
SCEP134H-R66
0.66
100KHZ
3.2m
29.6
17.0
SCEP134H-1R2
1.2
100KHZ
4.0m
21.0
15.0
SCEP134H-1R8
1.8
100KHZ
6.6m
17.6
13.6
SCEP134H-2R7
2.7
100KHZ
10.8m
14.7
12.0
SCEP134H-3R6
3.6
100KHZ
12.0m
12.5
10.0
SCEP134H-4R8
4.8
100KHZ
16.3m
11.0
9.0
SCEP134H-6R0
6.0
100KHZ
18.4m
9.6
8.0
(1). Inductance tolerance for 0.3uH~0.66uH:
±30%, for 1.2uH~6.0uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
1000
100
1000
10000
BCEP134H I nduct ance decrease by current
100000
DC current (mA)
1
0. 1 10
6R0
2R7
0R3
BCEP134H Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
8000
12000
2000
4000
6000
14000
10000
16000
0
18000
6R0
2R7
0R3
SCEP134H Inductance decrease by current
DC current (mA)
DC current (mA)
SCEP134H Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCEP134H-R30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCEP134S BEL-SCEP134S Datasheet
784Kb / 1P
SMD POWER INDUCTORS
SCEP134S-1R6 BEL-SCEP134S-1R6 Datasheet
784Kb / 1P
SMD POWER INDUCTORS
SCEP134S-2R5 BEL-SCEP134S-2R5 Datasheet
784Kb / 1P
SMD POWER INDUCTORS
SCEP134S-3R6 BEL-SCEP134S-3R6 Datasheet
784Kb / 1P
SMD POWER INDUCTORS
SCEP134S-4R8 BEL-SCEP134S-4R8 Datasheet
784Kb / 1P
SMD POWER INDUCTORS
More results

Similar Description - SCEP134H-R30

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com