Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCEP147S-R90 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCEP147S-R90
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCEP147S-R90 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCEP147S-R90 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCEP147S
163
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1 Excellent Power Density
2 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCEP147S-R40
0.4
100KHZ
2.10m
52.8
23.0
SCEP147S-R90
0.9
100KHZ
2.65m
36.0
18.0
SCEP147S-1R5
1.5
100KHZ
3.50m
27.2
16.0
SCEP147S-2R4
2.4
100KHZ
3.90m
22.4
13.0
SCEP147S-3R4
3.4
100KHZ
5.50m
18.4
12.3
SCEP147S-4R7
4.7
100KHZ
7.50m
15.2
12.0
SCEP147S-6R1
6.1
100KHZ
7.80m
14.8
11.0
SCEP147S-7R7
7.7
100KHZ
9.85m
12.4
10.0
SCEP147S-9R5
9.5
100KHZ
13.3m
11.2
9.30
(1). Inductance tolerance for 0.4uH:
±30%, for 0.9uH~9.5uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
1
10
100
1000
10000
100000
100
BCEP147S I nduct ance decrease by current
1000000
DC current (mA)
0. 1
0. 01
9R5
3R4
0R4
(3)
(4)
BCEP147S Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
20000
30000
5000 10000 15000
35000
25000
40000
0
45000 50000
9R5
3R4
0R4
SCEP147S Inductance decrease by current
DC current (mA)
DC current (mA)
SCEP147S Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCEP147S-R90

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCEP147H BEL-SCEP147H Datasheet
772Kb / 1P
SMD POWER INDUCTORS
SCEP147H-1R2 BEL-SCEP147H-1R2 Datasheet
772Kb / 1P
SMD POWER INDUCTORS
SCEP147H-1R8 BEL-SCEP147H-1R8 Datasheet
772Kb / 1P
SMD POWER INDUCTORS
SCEP147H-2R6 BEL-SCEP147H-2R6 Datasheet
772Kb / 1P
SMD POWER INDUCTORS
SCEP147H-3R5 BEL-SCEP147H-3R5 Datasheet
772Kb / 1P
SMD POWER INDUCTORS
More results

Similar Description - SCEP147S-R90

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com