Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2130CDV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM2130CDV
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM2130CDV Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 10Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 11Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 13Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 14Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 15Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 16Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
13
ON-CHIP REFERENCE VOLTAGE GENERATOR
The On-chip Reference Generator (ORG) can provide a reference voltage on the VREF pin that is
independent of temperature and supply voltage. External connections to the REFSENSE pin control
the ORG’s output to VREF, as shown in Figure 14.
REFSENSE CONNECTION
ORG OUTPUT TO VREF
VREF pin
1 Volt
AGND
2 Volts
External divider junction
(1 + RA/RB) Volts – see Figure 14
AVDD
None (VREF becomes input pin)
Table 2 Controlling the On-chip Reference Generator
Connecting REFSENSE to AVDD powers the ORG down, saving power when the ORG function is
not required.
In differential mode (MODE = AVDD/2), the voltage on VREF determines the ADC reference voltages
as follows:
2
REF
V
AVDD
REFTF
+
=
2
REF
V
AVDD
REFBF
−
=
REF
V
REFBF
REFTF
=
−
When the ORG is enabled, the VREF pin should be decoupled to the circuit board’s analogue ground
plane close to the WM2130 AGND pin via a 1
µF tantalum capacitor and a 0.1µF ceramic capacitor.
The ORG can source currents up to 1mA into external grounded loads when it is not used by the
WM2130. Typical buffer load regulation is about 0.5
Ω.
INTERNAL
REFERENCE
BUFFER
1µF
tantalum
0.1µF
V
REF = 1 + (RA/RB)
REFSENSE
AGND
VBG
–
–
+
+
R
B
R
A
MODE =
AVDD/2
Figure 14 ORG Operating with External Divider (for Intermediate Reference Voltages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com