Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA238 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA238
Description  INA238-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA238 Datasheet(HTML) 2 Page - Texas Instruments

  INA238 Datasheet HTML 1Page - Texas Instruments INA238 Datasheet HTML 2Page - Texas Instruments INA238 Datasheet HTML 3Page - Texas Instruments INA238 Datasheet HTML 4Page - Texas Instruments INA238 Datasheet HTML 5Page - Texas Instruments INA238 Datasheet HTML 6Page - Texas Instruments INA238 Datasheet HTML 7Page - Texas Instruments INA238 Datasheet HTML 8Page - Texas Instruments INA238 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 3
6.1 Absolute Maximum Ratings ....................................... 3
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics ............................................5
6.6 Timing Requirements (I2C) ........................................ 7
6.7 Timing Diagram ..........................................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................12
7.1 Overview................................................................... 12
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................19
7.5 Programming............................................................ 19
7.6 Register Maps...........................................................22
8 Application and Implementation.................................. 31
8.1 Application Information............................................. 31
8.2 Typical Application.................................................... 35
9 Power Supply Recommendations................................39
10 Layout...........................................................................39
10.1 Layout Guidelines................................................... 39
10.2 Layout Example...................................................... 39
11 Device and Documentation Support..........................40
11.1 Receiving Notification of Documentation Updates.. 40
11.2 Support Resources................................................. 40
11.3 Trademarks............................................................. 40
11.4 Electrostatic Discharge Caution.............................. 40
11.5 Glossary.................................................................. 40
12 Mechanical, Packaging, and Orderable
Information.................................................................... 40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (June 2020) to Revision A (June 2021)
Page
• Changed data sheet status from: Advanced Information to: Production Data....................................................1
• Added Functional Safety bullets......................................................................................................................... 1
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated the figures and equations throughput the document to align with the commercial data sheet.............1
INA238-Q1
SLYS026A – JUNE 2020 – REVISED JUNE 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA238-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com