Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments INA333 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
-80
-60
-40
-20
0
20
40
60
80
-20
-16
-12
-8
-4
0
4
8
12
16
20
Vout (V)
Vs = ±2.25V
Vs = ±18V
G = 1/2
Bipolar supply
VREF = 0 V
Figure 7-67. Input Common-Mode Voltage vs Output Voltage
-40
-30
-20
-10
0
10
20
30
40
-20
-16
-12
-8
-4
0
4
8
12
16
20
Vout (V)
Vs = ±2.25V
Vs = ±18V
G = 2
Bipolar supply
VREF = 0 V
Figure 7-68. Input Common-Mode Voltage vs Output Voltage
-10
-5
0
5
10
15
20
-1.25
0
1.25
2.5
3.75
5
6.25
Vout (V)
G = 1/2
5-V supply
VREF = 0 V
Figure 7-69. Input Common-Mode Voltage vs Output Voltage
-5
-2.5
0
2.5
5
7.5
10
-1.25
0
1.25
2.5
3.75
5
6.25
Vout (V)
G = 2
5-V supply
VREF = 0 V
Figure 7-70. Input Common-Mode Voltage vs Output Voltage
-60
-40
-20
0
20
40
60
80
100
120
0
4
8
12
16
20
24
28
32
36
40
Vout (V)
G = 1/2
36-V Supply
VREF = 0 V
Figure 7-71. Input Common-Mode Voltage vs Output Voltage
-20
-10
0
10
20
30
40
50
60
0
4
8
12
16
20
24
28
32
36
40
Vout (V)
G = 2
36-V supply
VREF = 0 V
Figure 7-72. Input Common-Mode Voltage vs Output Voltage
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com