Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUWT011B3-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MUWT011B3-R
Description  Plug-in Signal Conditioners M-UNIT WATT TRANSDUCER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MUWT011B3-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MUWT011B3-R Datasheet HTML 1Page - M-System Co.,Ltd. MUWT011B3-R Datasheet HTML 2Page - M-System Co.,Ltd. MUWT011B3-R Datasheet HTML 3Page - M-System Co.,Ltd. MUWT011B3-R Datasheet HTML 4Page - M-System Co.,Ltd. MUWT011B3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MUWT
MUWT SPECIFICATIONS
ES-1926 Rev.3 Page 4/5
http://www.m-system.co.jp/
EXTERNAL VIEW
S5
S4
S3
S2
S1
a4 × 10
– 4
a3 × 10
– 3
a2 × 10
– 2
a1 × 10
– 1
10
– (a5)
Span Adj. (DC output)
Zero Adj. (DC output)
Front Cover (open)
Pulse
Rate
CONNECTION DIAGRAM
+
12
4
4
12
• AC Powered
LOAD
• DC Powered
LOAD
Spark Quenching
Diode
Varistor or Spark
Quenching Circuit
Relay or
Counter Coil
Relay or
Counter Coil
U
4
12
■ Open Collector
Pulse Output Connection Examples
Power Photo MOSFET Relay
LOAD
+
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K
6
5
8
12
4
9
11
2
15
PULSE OUTPUT
+
10
1
DC OUTPUT
■ 3-PHASE/3-WIRE
■ SINGLE-PHASE/2-WIRE
LOAD
1
2
SOURCE
P2
V
P1
U
v
u
FUSE
VT
k
l
CT
L
K
1L
1S
+
6
8
12
4
9
15
PULSE OUTPUT
■ SINGLE-PHASE/3-WIRE
LOAD
1 N 2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
+
6
5
8
12
4
9
11
2
15
PULSE OUTPUT
7
14
U(+)
V(–)
POWER
**
7
14
U(+)
V(–)
POWER
**
+
10
1
DC OUTPUT
+
10
1
DC OUTPUT
7
14
U(+)
V(–)
POWER
**
*
*
* CT Protector (model: CTM) attached to these terminals.
*
* CT Protector (model: CTM) attached to these terminals.
*
*
* CT Protector (model: CTM) attached to these terminals.
**The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets
other supply voltage requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com