Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA592IDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDR Datasheet(HTML) 4 Page - Texas Instruments

  INA592IDR Datasheet HTML 1Page - Texas Instruments INA592IDR Datasheet HTML 2Page - Texas Instruments INA592IDR Datasheet HTML 3Page - Texas Instruments INA592IDR Datasheet HTML 4Page - Texas Instruments INA592IDR Datasheet HTML 5Page - Texas Instruments INA592IDR Datasheet HTML 6Page - Texas Instruments INA592IDR Datasheet HTML 7Page - Texas Instruments INA592IDR Datasheet HTML 8Page - Texas Instruments INA592IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
V±
Single supply, (V+) to (V–)
36
V
Dual supply, (V+) – (V–)
±18
IIN
Input current
10
mA
IS
Output short circuit (to ground)
Continuous
TA
Operating temperature
–55
125
°C
TJ
Junction temperature
–55
125
°C
Tstg
Storage temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Section 7.3.
Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V±
Supply voltage
Single supply, VS = (V+)
4.5
36
V
Dual supply, VS = (V+) – (V–)
±2.25
±18
TA
Specified temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
INA592
UNIT
D
DGK
DRC
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
115
158
47.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.4
48.6
49.6
°C/W
RθJB
Junction-to-board thermal resistance
59.2
78.7
21.0
°C/W
ψJT
Junction-to-top characterization parameter
9.5
3.9
0.8
°C/W
ψJB
Junction-to-board characterization parameter
58.3
77.3
20.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
5.3
5.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com