Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUWT013B3-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MUWT013B3-R
Description  Plug-in Signal Conditioners M-UNIT WATT TRANSDUCER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MUWT013B3-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MUWT013B3-R Datasheet HTML 1Page - M-System Co.,Ltd. MUWT013B3-R Datasheet HTML 2Page - M-System Co.,Ltd. MUWT013B3-R Datasheet HTML 3Page - M-System Co.,Ltd. MUWT013B3-R Datasheet HTML 4Page - M-System Co.,Ltd. MUWT013B3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MUWT
MUWT SPECIFICATIONS
ES-1926 Rev.3 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
WATT TRANSDUCER
(with pulse output)
Functions & Features
• Providing a DC output signal and pulse totalizer signal in
proportion to AC active power
• Convenient pulse unit output (Wh×10n)
• Measuring bidirectional power flow
• DC output containing little ripple is ideal for computer
input
• "Time division multiplication" method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
• SCR – Silicon Controlled Rectifier
72
(2.83)
80
(3.15)
139
(5.47)
mm (inch)
MODEL: MUWT–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: MUWT-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. MUWT-11A4-C/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
• Calibration range (e.g. -750 – +750 W)
• VT ratio, CT ratio (e.g. VT 3300 V /110 V, CT 250 A / 5 A)
• Special output range (For codes Z & 0)
• Pulse output (e.g. 6.666 Wh/pulse)
How To Determine Pulse Unit ....
[example]
3-phase / 3-wire, VT 3300 V / 110 V, CT 250A / 5 A,
calibration range 750 W
• From Pulse Unit 10 [kWh/pulse]
10 [kWh/pulse] ÷ ((3300÷110) × (250÷5))
= 6.666 × 10–3 [kWh/pulse]
= 6.666 [Wh/pulse]
• From Pulse Rate 150 [pulse/kWh]
1 ÷ 150 = 6.666 × 10–3 [kWh/pulse]
= 6.666 [Wh/pulse]
At primary side
150 [pulse/kWh] ÷ ((3300 ÷ 110) × (250 ÷ 5))
= 0.1 [pulse/kWh]
• From Frequency 0.03125 Hz (at 100 %)
750 [W] ÷ (0.03125 [Hz] × 3600 [s]) = 6.666 [Wh/pulse]
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
[2] INPUT (unbalanced load)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
A: 100 V / 200 V / 1 A AC (single-phase / 3- wire)
B: 100 V / 200 V / 5 A AC (single-phase / 3- wire)
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] PULSE OUTPUT
2: Open collector
3: Relay contact (mercury relay)


Similar Description - MUWT013B3-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com