Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUWT023B3-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MUWT023B3-R
Description  Plug-in Signal Conditioners M-UNIT WATT TRANSDUCER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MUWT023B3-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MUWT023B3-R Datasheet HTML 1Page - M-System Co.,Ltd. MUWT023B3-R Datasheet HTML 2Page - M-System Co.,Ltd. MUWT023B3-R Datasheet HTML 3Page - M-System Co.,Ltd. MUWT023B3-R Datasheet HTML 4Page - M-System Co.,Ltd. MUWT023B3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MUWT
MUWT SPECIFICATIONS
ES-1926 Rev.3 Page 3/5
http://www.m-system.co.jp/
Rating: 35 V DC @ 100 mA
ON voltage: ≤ 1 V at 100 mA
ON duration: 25 msec. min., 0.5 sec. max.
(at 0 – 2.777 Hz)
• Pulse Unit: refers to how much electrical energy (kWh)
consumption at the primary of the VT and CT corresponds to
the single output pulse per hour from the transducer.
• How to Set Pulse Unit: The switches S1 through S5, VT and
CT ratios, and the transducer's calibration input range all
determine the relative value of one pulse, i.e. the number of
kWh per pulse.
(VT Ratio × CT Ratio × Calibration Range [kW])
÷ (2.777 [Hz] × 3600 [sec.] × 10 × Pulse Unit [kWh/pulse])
= 0.XXXX × 10–X
= 0. [a1] [a2] [a3] [a4] × 10–[a5]
a1 thr. a4: integer, 1 though 9
a5: integer, 0 through 6
[example] VT 3300 V / 110 V, CT 250 A / 5 A, Pulse Unit 10
[kWh/pulse], Calibration Range 1000 [W]
((3300 ÷ 110) × (250 ÷ 5) × 1 [kW])
÷ (2.777 Hz × 3600 [sec.] × 10 × 10 [kWh/pulse])
= 0.1500 × 10–2
S1 = 1, S2 = 5, S3 = 0, S4 = 0, S5 = 2
500
1000 W
0
12
OUT
20 mA
500
1000 W
0
5
OUT
10 V
4
0
+1000 W
-1000 W
12
OUT
20 mA
0
+1000 W
-1000 W
0
OUT
+10 V
4
-10 V
s OPERATION DIAGRAM (example)
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
• DC: Operational voltage range: rating ±10 %,
or 85 – 150 V for 110 V rating, ripple 10 %p-p max.,
approx. 2 W (18 mA at 110 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 550 g (1.21 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 1 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (50/60 Hz)
The output ripple may increase when there is great
difference between the frequencies of input signal and
power supply.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to DC output to power to
ground)
1000 V AC @ 1 minute (pulse output to voltage input or
current input or DC output or power or ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com