Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUWT024B3-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MUWT024B3-R
Description  Plug-in Signal Conditioners M-UNIT WATT TRANSDUCER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MUWT024B3-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MUWT024B3-R Datasheet HTML 1Page - M-System Co.,Ltd. MUWT024B3-R Datasheet HTML 2Page - M-System Co.,Ltd. MUWT024B3-R Datasheet HTML 3Page - M-System Co.,Ltd. MUWT024B3-R Datasheet HTML 4Page - M-System Co.,Ltd. MUWT024B3-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MUWT
MUWT SPECIFICATIONS
ES-1926 Rev.3 Page 2/5
http://www.m-system.co.jp/
Suffix code 3 has been discontinued. Select code 4 instead.
4: Power photo MOSFET relay
[5] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to DC output to
pulse output to power
Overrange output: Approx. -10 – +120 % at 1 – 5 V
Zero adjustment(DC output): -5 to + 5 % (front)
Span adjustment(DC output): 95 to + 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Current Input
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120% continuous
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
■ How To Determine Wattage Range
Calibration Range [W] = Measuring Wattage ÷ ((VT Ratio) ×
(CT Ratio))
Check that the required calibration range is within the
available range in the table. Specify this range when
ordering.
[example]
3-phase / 3-wire, measuring wattage 750 kW,
VT 3300/110 V, CT 250/5 A
750 × 103 [W] ÷ ((3300÷110) × (250÷5))= 0 – 500 [W]
• 3-phase / 3-wire
VOLTAGE INPUT CURRENT INPUT
STD
RANGE
AVAILABLE
RANGE
BURDEN
BURDEN
110V 0.2VA×2
1A
0.1VA×2
±200W ±100W – ±240W
5A
0.5VA×2 ±1000W ±500W – ±1200W
220V 0.4VA×2
1A
0.1VA×2
±400W ±200W – ±480W
5A
0.5VA×2 ±2000W ±1000W – ±2400W
• Single-phase / 2-wire
VOLTAGE INPUT CURRENT INPUT
STD
RANGE
AVAILABLE
RANGE
BURDEN
BURDEN
110V
0.2VA
1A
0.1VA
±100W
±50W – ±120W
5A
0.5VA
±500W
±250W – ±600W
220V
0.4VA
1A
0.1VA
±200W
±100W – ±240W
5A
0.5VA
±1000W
±500W – ±1200W
• Single-phase / 3-wire
VOLTAGE INPUT CURRENT INPUT
STD
RANGE
AVAILABLE
RANGE
BURDEN
BURDEN
100/
200V *1
0.2VA×2
1A
0.1VA×2
±200W
±100W – ±240W
5A
0.5VA×2 ±1000W
±500W – ±1200W
100/200V: 100V = phase voltage
200V = line voltage except the grounding.
OUTPUT SPECIFICATIONS
■ DC Output
• DC Current: 0 – 20 mA DC and ±1 mA
Minimum span: 1 mA
Offset: ≤ 1.5 times span
Load resistance: Output drive 12 V max.; 10 V for [±] output
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
■ Pulse output: Frequency output proportional to the input;
0 – 2.777 Hz typical; 0 Hz at 0 W (cutout at approx. 0.5 – 1.0
%); max. 27.77 Hz at 100 % input
• Power Photo MOSFET Relay
Rating: 120 V AC/DC @ 100 mA (resistive load)
Max. ON resistance: 10 Ω
• Open Collector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com