Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-TS1AS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-TS1AS
Description  Remote I/O R5 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-TS1AS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-TS1AS Datasheet HTML 1Page - M-System Co.,Ltd. R5-TS1AS Datasheet HTML 2Page - M-System Co.,Ltd. R5-TS1AS Datasheet HTML 3Page - M-System Co.,Ltd. R5-TS1AS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R5-TS1A
R5-TS1A SPECIFICATIONS
ES-7571 Rev.8 Page 2/4
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Operational range: Approx. 0 – 24 mA DC
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Conversion accuracy
Input: ±0.4°C (±0.6°C for C thermocouple)
±0.8°F (±1.1°F for C thermocouple)
Output: ±0.1 % of the retransmitted range + input
conversion accuracy (May exceed ± 0.1 % depending upon
the input temperature range.)
Conversion data: Temperature data scaled and converted
into 0 – 100 % data and supplied to the internal network bus
Data allocation: 1
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient
Input: ±0.015 %/°C (±0.008 %/°F)
Output: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.4 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input to output
to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
FUNCTIONS
• Zero/Span Adjustment Modes
Monitor Mode
Re-transmits the input signal as output in proportion.
Output 0 % Adjustment Mode
Adjusts the 0 % output signal using the front UP/DOWN
buttons, in monitoring the output value with a multimeter.
SW1 through SW3 switch the internal increments by 1, 5
and 10.
Output 100 % Adjustment Mode
Adjusts the 100 % output signal using the front UP/DOWN
buttons, in monitoring the output value with a multimeter.
SW4 through SW6 switch the internal increments by 1, 5
and 10.
Simulated Output Mode
Outputs the simulated signals of 0 %, 50 % and 100 %.
• How to Operate
1) Start up in Monitor Mode (SW position = 0) and wait for 2
or 3 seconds.
2) Switch to another mode and go through the adjustments.
3) Reset the switch to the position ‘0’ so that the new
setting is stored in the internal memory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com