Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIHP0412-R47 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCIHP0412-R47
Description  SMD POWER INDUCTORS Lowest DCR/uH in this small package size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCIHP0412-R47 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCIHP0412-R47 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCIHP0412
196
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Lowest DCR/uH in this small package size.
2. Frequency range up to 1.0MHZ.
3. -40℃ to +125℃ operating temperature (*).
4. Handles high transient current spikes without saturation.
5. Composite construction producing extremely low buzz noise.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC
Resistance
mΩ MAX
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCIHP0412-R047
0.047
200KHz
3.75
32.0
13.0
SCIHP0412-R20
0.20
200KHz
10.8
13.5
9.0
SCIHP0412-R22
0.22
200KHz
12.0
12.0
8.5
SCIHP0412-R47
0.47
200KHz
22.0
7.0
6.0
SCIHP0412-1R0
1.0
200KHz
55.5
4.5
4.0
(1). Inductance tolerance ±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25℃.
(3). The DC current at which the inductance decreases by 20% from its initial value.
(4). The DC current that results in a 40℃ temperature rise from 25℃ ambient
(*). Part temperature (ambient + temp rise) should not exceed 125
℃ under worst case operating conditions. Circuit design, component
placement, PCB trace size and thickness, airflow and other cooling provisions may affect the temperature of the part. Part temperature
should be verified in the end application.
BCIHP0412 Inductance decrease by current
DC current(mA)
6000
12000
18000
10
30
40
50
70
80
20
60
0
BCIHP0412 Temperature rise by current
3000
9000
15000
DC current(mA)
2100024000 27000
1R0
R22
R047
1R0
R22
R047
Custom versions available upon request.
(3)
(4)
MARKING
SCIHP0412 Inductance by current
SCIHP0412 Temperature by current
4.8MAX
1.2MAX
0.76±0.3
XXX
4.95
1.65
10
1.0
0.1
0.01
0.001
10
100
100000
1000
10000
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCIHP0412-R47

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCIHP0420 BEL-SCIHP0420 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420-1R0 BEL-SCIHP0420-1R0 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420-1R3 BEL-SCIHP0420-1R3 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420-1R5 BEL-SCIHP0420-1R5 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420-2R2 BEL-SCIHP0420-2R2 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
More results

Similar Description - SCIHP0412-R47

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCIHP0730 BEL-SCIHP0730 Datasheet
762Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIH1040HC BEL-SCIH1040HC Datasheet
788Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420 BEL-SCIHP0420 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0420TB BEL-SCIHP0420TB Datasheet
763Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size.
SCIHP0530 BEL-SCIHP0530 Datasheet
1Mb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP0750 BEL-SCIHP0750 Datasheet
892Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size.
SCIHP1040 BEL-SCIHP1040 Datasheet
803Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP1338 BEL-SCIHP1338 Datasheet
763Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size.
SCIHP1350 BEL-SCIHP1350 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size
SCIHP1367 BEL-SCIHP1367 Datasheet
775Kb / 1P
SMD POWER INDUCTORS Lowest DCR/uH in this small package size.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com