Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD968 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD968
Description  Silicon NPN epitaxial planer type(For low-frequency driver amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD968 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD968 Datasheet HTML 1Page - Panasonic Semiconductor 2SD968 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD968, 2SD968A
Silicon NPN epitaxial planer type
For low-frequency driver amplification
Complementary to 2SB789 and 2SB789A
s Features
q
High collector to emitter voltage VCEO.
q
Large collector power dissipation PC.
q
Mini Power type package, allowing downsizing of the equipment
and automatic insertion through the tape packing and the maga-
zine packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
100
120
100
120
5
1
0.5
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD968
2SD968A
2SD968
2SD968A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
IC = 100µA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
*2
VCE = 5V, IC = 500mA
*2
IC = 500mA, IB = 50mA
*2
IC = 500mA, IB = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
100
120
5
90
50
typ
100
0.2
0.85
120
11
max
220
0.6
1.2
20
Unit
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
hFE1
90 ~ 155
130 ~ 220
2SD968
WQ
WR
2SD968A
VQ
VR
Marking symbol :
W(2SD968)
V(2SD968A)
Marking
Symbol
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
2SD968
2SD968A
*2 Pulse measurement


Similar Part No. - 2SD968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency driver amplification)
logo
Guangdong Kexin Industr...
2SD968 KEXIN-2SD968 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
logo
Panasonic Semiconductor
2SD968A PANASONIC-2SD968A Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SD968A PANASONIC-2SD968A Datasheet
72Kb / 3P
For Low-Frequency Driver Amplification
logo
Guangdong Kexin Industr...
2SD968A KEXIN-2SD968A Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
More results

Similar Description - 2SD968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1318A PANASONIC-2SC1318A Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1509 PANASONIC-2SC1509 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com