Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49465 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M49465
Description  Wirewound Resistors, Precision Power, Low Value, Military,
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M49465 Datasheet(HTML) 2 Page - Vishay Siliconix

  M49465 Datasheet HTML 1Page - Vishay Siliconix M49465 Datasheet HTML 2Page - Vishay Siliconix M49465 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M49465 Military, RLV
www.vishay.com
Vishay Dale
Revision: 21-Apr-2021
2
Document Number: 30283
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
MATERIAL SPECIFICATIONS
Element: self-supporting nickel-chrome alloy (M4946501
(RLV10) utilizes manganin for some values)
Encapsulation: high temperature mold compound
Terminals: tinned copper
Packaging: reference “Wirewound Through Hole Resistor
Packaging” document: www.vishay.com/doc?21028
SURFACE TEMPERATURE VS. POWER
DERATING
Note
• M4946506 (RLV30) and M4946507 (RLV31) are End of Life on May 22, 2021. M4946501 (RLV10) will still be supported
1.50 [38.10]
(1)
minimum
A
C
B
0.125 [3.17]
typical
M4946501 (RLV10)
1.50 [38.10]
(1)
minimum
A
M4946506 (RLV30), M4946507 (RLV31)
C
B
MILITARY MODEL
DIMENSIONS in inches [millimeters]
AB
C
M4946501 (RLV10)
0.937 ± 0.062 [23.80 ± 1.57]
0.375 ± 0.031 [9.53 ± 0.787]
0.040 ± 0.005 [1.02 ± 0.130]
M4946506 (RLV30)
0.560 ± 0.031 [14.22 ± 0.787]
0.205 ± 0.031 [5.21 ± 0.787]
0.036 ± 0.005 [0.90 ± 0.130]
M4946507 (RLV31)
0.925 ± 0.031 [23.50 ± 0.787]
0.330 ± 0.031 [8.38 ± 0.787]
0.040 ± 0.005 [1.02 ± 0.130]
MARKING
EXAMPLE
91637
Source code
1101
Date code YYMM
M4946507
MIL-PRF-49465 model
TR0100F
Characteristic, resistance type designation,
tolerance
10
100
1000
10000
0
50
100
150
200
250
012345
Axis Title
Power (W)
M4946506 (RLV30)
M4946507 (RLV31)
10
100
1000
10000
0
20
40
60
80
100
120
-55 -25
75
125
175
225
275
Axis Title
Ambient Temperature (°C)
25
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
-65 °C to +125 °C, 5 cycles, 15 min at each extreme
± (0.2 % + 0.0005
) R
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.0005
) R
Low Temperature Storage
-55 °C for 24 h
± (0.2 % + 0.0005
) R
High Temperature Exposure
250 h at +275 °C
± (2.0 % + 0.0005
) R
Dielectric Withstanding Voltage
1000 VRMS, 1 min
± (0.1 % + 0.0005
) R
Insulation Resistance
MIL-STD-202 method 302, 100 V
1000 M
 minimum
Moisture Resistance
MIL-STD-202 method 106, 7b not applicable
± (0.2 % + 0.0005
) R
Shock, Specified Pulse
MIL-STD-202 method 213, 100 g’s for 6 ms, 10 shocks
± (0.1 % + 0.0005
) R
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.0005
) R
Load Life
2000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (2.0 % + 0.0005
) R
Solderability
ANSI J-STD-002
95 % coverage
Bias Humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.0005
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com