Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTO150 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LTO150
Description  Clip Mount Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO150 Datasheet(HTML) 4 Page - Vishay Siliconix

  LTO150 Datasheet HTML 1Page - Vishay Siliconix LTO150 Datasheet HTML 2Page - Vishay Siliconix LTO150 Datasheet HTML 3Page - Vishay Siliconix LTO150 Datasheet HTML 4Page - Vishay Siliconix LTO150 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LTO 150
www.vishay.com
Vishay Sfernice
Revision: 27-Sep-2019
4
Document Number: 50071
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CLIPS
CLIP MOUNTING RECOMMENDATION
To improve the thermal conductivity, all surface of ceramic has to be coated with a thermal silicon grease. If you not use our
clipped or screwed clip, it is recommended that a mounting force of 60 N to 110 N be applied to the center of the molding case
of the component. Tightening torque 2 Nm when mounting screwed clip MAX08NG on heatsink.
ACCLLTO150CL (MAX03HNG)
ACCLLTO150VS (MAX08NG)
ORDERING INFORMATION
LTO
150
F
2.7 k
± 1 %
xxx
TU30
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE VALUE
TOLERANCE
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM DESIGN
Optional
on request:
special TCR,
shape etc.
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
LTO
150
F = radial leads
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R70 = 48.7
48701 = 48 700
10002 = 100 000
R0100 = 0.01
R4700 = 0.47
27000 = 2700
 = 2.7 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
T = tube
Tube 30 pieces
E3 = pure tin
CLIP PART NUMBER INFORMATION
REFERENCE
PART NUMBER FOR ORDERING
Screwed clip MAX08NG
ACCLLTO150VS
Clipped clip MAX03HNG
ACCLLTO150CL
18
21.5
9.3
0.6
30.55
18
Ø 4.2
5.9
0.6
14.7
23.5
15
0
F
270
0
T
3
T
O
L
0J
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com