Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8TWS Datasheet(PDF) 4 Page - International Rectifier

Part # 8TWS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8TWS Datasheet(HTML) 4 Page - International Rectifier

  8TWS Datasheet HTML 1Page - International Rectifier 8TWS Datasheet HTML 2Page - International Rectifier 8TWS Datasheet HTML 3Page - International Rectifier 8TWS Datasheet HTML 4Page - International Rectifier 8TWS Datasheet HTML 5Page - International Rectifier 8TWS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
8TWS..S
SAFEIR Series
Preliminary Data Sheet I2132 rev. C 10/99
Outline Table
Dimensionsinmillimetersand(inches)
Ordering Information Table
8
T
W
S
08
S
TRL
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
T = Thyristor
3
-
Package:
W = TO-252AA (D-Pak)
4
-
Type of Silicon:
S = Standard Thyristors
5
-
Voltage code: Code x 100 = V
RRM
6
-
SMD Package
7
-
Tape and Reel Option
TRL = Left Reel
TRR = Right Orientation Reel
04 = 400V
06 = 600V
08 = 800V
6
7
(A)
(K)
(G)
4
13
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 ( 0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - G ate
4 - Anode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
12
3
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 ( 0.09)
2x



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com