Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2N7002KU Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE2N7002KU
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2N7002KU Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE2N7002KU Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 8Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE2N7002KU
N-Channel Enhancement Mode MOSFET
VER 1.1
4
3. CDM Test
Testing Item
ESD (MACHINE MODE) TEST
Method
ANSI/ESD S5.3.2-2008
Test Equipment
ZAPMASTER MK.2 SE
Laboratory Ambinence Condition
Temperature : 25℃ ± 5℃
Humidity : 55% ±5% RH
Curve Trace Criteria
Pin Combination
Force Voltage
Limit Current
G v.s. S
-100V ~ +15000V
1 μA
Curve Trace Result within 10% range
Test Result
Pin Combination
Sample Size
ESD Sensitivity
G(+) - S
5
+5500 V
G(-) - S
5
-900V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com