Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC08COMUH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24AC08COMUH
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC08COMUH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24AC08COMUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC08COMUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ACE24AC08C
Two-wire Serial EEPROM
VER 1.1
5
Figure 1: Timing diagram for start and stop conditions
Figure 2: Timing diagram for output acknowledge
Device Addressing
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to
invoke valid read or write command. The first four most significant bits of the device address must be
1010, which is common to all serial EEPROM devices. The next bit is device address bit. This device
address bit (5th) is to match with the external chip select/address pin states. If a match is made, the
EEPROM device outputs an ACKNOWLEDGE signal after the 8th read/write bit, otherwise the chip will go
into STANDBY mode. The last or 8th bit is a read/write command bit. If the 8th bit is at VIH then the chip
goes into read mode. If a “0” is detected, the device enters programming mode.
ACE24AC08C uses only A2 device address bit. Only two ACE24AC08C devices can be wired-OR on the
same 2-wire bus. Their corresponding chip select address pin A2 must be hard-wired and coded from 0 to
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com