Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC16C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24AC16C
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC16C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24AC16C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC16C Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ACE24AC16C
Two-wire Serial EEPROM
VER 1.1
6
Device Addressing
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to
invoke valid read or write command. The first four most significant bits of the device address must be
1010, which is common to all serial EEPROM devices. The next bit is device address bit. This device
address bit (5th) is to match with the external chip select/address pin states. If a match is made, the
EEPROM device outputs an ACKNOWLEDGE signal after the 8th read/write bit, otherwise the chip will go
into STANDBY mode. The last or 8th bit is a read/write command bit. If the 8th bit is at VIH then the chip
goes into read mode. If a “0” is detected, the device enters programming mode. ACE24AC16C does not
use any device address bit. Only one ACE24AC16C device can be used on the on 2-wire bus.
Write Operations
(A)
Byte Write
A byte write operation starts when a micro-controller sends a START bit condition, follows by a
proper EEPROM device address and then a write command. If the device address bits match the
chip select address, the EEPROM device will acknowledge at the 9th clock cycle. The
micro-controller will then send the rest of the lower 8 bits word address. At the 18th cycle, the
EEPROM will acknowledge the 8-bit address word. The micro- controller will then transmit the 8bit
data. Following an ACKNOWLDEGE signal from the EEPROM at the 27th clock cycle, the
micro-controller will issue a STOP bit. After receiving the STOP bit, the EEPROM will go into a
self-timed programming mode during which all external inputs will be disabled. After a programming
time of TWC, the byte programming will finish and the EEPROM device will return to the STANDBY
mode.
(B)
Page Write
A page write is similar to a byte write with the exception that one to sixteen bytes can be
programmed along the same page or memory row. All ACE24AC16C are organized to have 16 bytes
per memory row or page.
With the same write command as the byte write, the micro-controller does not issue a STOP bit after
sending the 1st byte data and receiving the ACKNOWLEDGE signal from the EEPROM on the 27th
clock cycle. Instead, it sends out a second 8-bit data word, with the EEPROM acknowledging at the
36th cycle. This data sending and EEPROM acknowledging cycle repeats until the micro-controller
sends a STOP bit after the n × 9th clock cycle. After which the EEPROM device will go into a
self-timed partial or full-page programming mode. After the page programming completes after a
time of TWC, the devices will return to the STANDBY mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com