Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC08CFMUH Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE24AC08CFMUH
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC08CFMUH Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE24AC08CFMUH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE24AC08CFMUH Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ACE24AC08C
Two-wire Serial EEPROM
VER 1.1
14
Packaging information
SOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270 (BSC)
0.050 (BSC)
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com