Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC256E Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE24AC256E
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC256E Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE24AC256E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC256E Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ACE24AC256E
Two-wire Serial EEPROM
VER 1.1
9
Electrical Specifications
A.
Power-Up Requirements
During a power-up sequence, the VCC supplied to the device should monotonically rise from GND to
the minimum VCC level, with a slew rate no faster than 0.05 V/μs and no slower then 0.1 V/ms. A
decoupling cap should be connected to the VCC PAD which is no smaller than 10nF.
B.
Device Reset
To prevent inadvertent write operations or any other spurious events from occurring during a power-
up sequence, this device includes a Power-on Reset (POR) circuit. Upon power-up, the device will
not respond to any commands until the VCC level crosses the internal voltage threshold (VPOR) that
brings the device out of Reset and into Standby mode. The system designer must ensure the
instructions are not sent to the device until the VCC supply has reached a stable value greater than
or equal to the minimum VCC level.
Figure 9: Power on and Power down
If an event occurs in the system where the VCC level supplied to the device drops below the
maximum VPOR level specified, it is recommended that a full power cycle sequence be performed by
first driving the VCC pin to GND, waiting at least the minimum tPOFF time and then performing a new
power-up sequence in compliance with the requirements defined in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com