Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH1632245LBR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCXH1632245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH1632245LBR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCXH1632245LBR Datasheet HTML 3Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 4Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 5Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 6Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 7Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 8Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 9Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 10Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74VCXH1632245
7/17
Table 7: Dynamic Switching Characteristics
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA =25 °C
-40to85°C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
0.25
V
1.8
3.3
0.35
2.5
3.3
0.35
VOLPB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.35
VOLVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.6
VOHVA
Dynamic High Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
2.1
V
1.8
3.3
2.6
2.5
3.3
2.6
VOHVB
Dynamic High Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
1.7
V
1.8
3.3
1.7
2.5
3.3
2.0
Symbol
Parameter
Test Condition TA = -40 to 85 °C
Unit
VCCB= 1.8 ± 0.15V
VCCB= 1.8 ± 0.15V
VCCB= 2.5 ± 0.2V
VCCA= 2.5 ± 0.2V
VCCA= 3.3 ± 0.3V
VCCA= 3.3 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.0
5.8
1.0
6.2
1.0
4.4
ns
tPLH tPHL
Propagation Delay Time
Bn to An
1.0
5.5
1.0
5.1
1.0
4.0
tPZL tPZH
Output Enable Time
G to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPZL tPZH
Output Enable Time
G to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tPLZ tPHZ
Output Disable Time
G to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPLZ tPHZ
Output Disable Time
G to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
0.5
0.5
0.75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com