Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC08CDPTH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24AC08CDPTH
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC08CDPTH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24AC08CDPTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC08CDPTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ACE24AC08C
Two-wire Serial EEPROM
VER 1.1
4
Memory Organization
The ACE24AC08C devices have 64 pages. Since each page has 16 bytes, random word addressing to
ACE24AC08C will require 10 bits data word addresses.
Device Operation
(A)
SERIAL CLOCK AND DATATRANSITIONS
The SDA pin is typically pulled to high by an external resistor. Data is allowed to change only when
Serial clock SCL is at VIL. Any SDA signal transition may interpret as either a START or STOP
condition as described below.
(B)
START CONDITION
With SCL
≥ VIH, a SDA transition from high to low is interpreted as a START condition. All valid
commands must begin with a START condition.
(C)
STOP CONDITION
With SCL ≥ VIH, a SDA transition from low to high is interpreted as a STOP condition. All valid read or
write commands end with a STOP condition. The device goes into the STANDBY mode if it is after a
read command.
A STOP condition after page or byte write command will trigger the chip into the STANDBY mode
after the self- timed internal programming finish.
(D)
ACKNOWLEDGE
The 2-wire protocol transmits address and data to and from the EEPROM in 8bit words. The
EEPROM acknowledges the data or address by outputting a "0" after receiving each word. The
ACKNOWLEDGE signal occurs on the 9th serial clock after each word.
(E)
STANDBY MODE
The EEPROM goes into low power STANDBY mode after a fresh power up, after receiving a STOP
bit in read mode, or after completing a self-time internal programming operation
(F)
SOFT RESET
After an interruption in protocol power loss or system reset, any two-wire part can be reset by
following these steps:
1.
Creat a START condition,
2.
Clock eighteen data bits
“1”,
3.
Creat a start condition as SDA is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com