Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25AB400G
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25AB400G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AB400G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
21
32KB Block Erase (BE) (52H)
The 32KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit. The
32KB Block Erase (BE) command is entered by driving CS# low, followed by the command code, and
three address bytes on SI.
Any address inside the block is a valid address for the 32KB Block Erase (BE) command. CS# must be
driven low for the entire duration of the sequence.
The 32KB Block Erase command sequence: CS# goes low→sending 32KB Block Erase command→
3-byte address on SI→CS# goes high. The command sequence is shown in Figure18. CS# must be
driven high after the eighth bit of the last address byte has been latched in; otherwise the 32KB Block
Erase (BE) command is not executed. As soon as CS# is driven high, the self-timed Block Erase cycle
(whose duration is tBE) is initiated.
While the Block Erase cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Block Erase cycle,
and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable
Latch (WEL) bit is reset. A 32KB Block Erase (BE) command applied to a block which is protected by the
Block Protect (BP4, BP3, BP2, BP1, BP0) bits (see Table1.0 & 1.1) will not be executed. Note: Power
disruption during erase operation will cause incomplete erase, thus recommend to perform a re-erase
once power resume.
Figure18. 32KB Block Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com