Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC200GL Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE25AC200GL
Description  2M SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC200GL Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE25AC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ACE25AC200GL
2M SPI NOR FLASH
VER 1.2
12
Chip Erase (CE) (60/C7H)
The Chip Erase (CE) command is for erasing the all data of the chip. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit .The Chip Erase (CE)
command is entered by driving CS# Low, followed by the command code on Serial Data Input (SI). CS#
must be driven Low for the entire duration of the sequence.
The Chip Erase command sequence: CS# goes low send Chip Erase command CS# goes high. The
command sequence is shown in Figure10. CS# must be driven high after the eighth bit of the command
code has been latched in, otherwise the Chip Erase command is not executed. As soon as CS# is driven
high, the self-timed Chip Erase cycle (whose duration is tCE) is initiated. While the Chip Erase cycle is in
progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write
In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and is 0 when it is completed. Write
Enable Latch (WEL) bit is reset to 0 at the end of the Chip Erase cycle. The Chip Erase (CE) command is
ignored if one or more sectors are protected by (BP2, BP1, BP0) bits.
Read Manufacture ID/ Device ID (REMS) (90H)
The Read Manufacturer/Device ID command is for reading both the JEDEC assigned Manufacturer ID
and the specific Device ID. The command is initiated by driving the CS# pin low and shifting the command
code “90H” followed by a 24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the
Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in
Figure11. If the 24-bit address is initially set to 000001H, the Device ID will be read first
.
Figure10. Chip Erase Sequence Diagram
Figure11. Read Manufacture ID/ Device ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com