Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC400G Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25AC400G
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400G Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25AC400G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC400G Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
13
Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed
by two bytes of device identification. The device identification indicates the memory type in the first byte,
and the memory capacity of the device in the second byte. Any Read Identification (RDID) command
while an Erase or Program cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is
shifted in.
This is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data
Output, each bit being shifted out during the falling edge of Serial Clock. The command sequence is
shown in Figure12. The Read Identification (RDID) command is terminated by driving CS# to high at any
time during data output. After CS# is driven high, the device returns to Standby Mode and awaits for new
command.
Figure12. Read Identification ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com