Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25GD512 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25GD512
Description  SPI 512K Bits Serial EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25GD512 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25GD512 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25GD512 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25GD512 Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE25GD512
SPI 512K Bits Serial EEPROM
VER 1.1
1
Description
The ACE25GD512 devices are Electrically Erasable Programmable Memory (EEPROM) organized as
131072 x 8 bits, accessed through the SPI bus.
The ACE25GD512 can operate with a supply range from 2.8V to 5.5V. These devices are guaranteed
over the -40 °C~85 °C temperature range.
The ACE25GD512 offers an additional page, named the Identification Page (256 bytes). The
Identification Page can be used to store sensitive application parameters which can be (later)
permanently locked in Read-only mode.
Features
⚫
Serial Peripheral Interface (SPI) data transfer protocol
⚫
Memory array:
1M bits (128 Kbytes) of EEPROM
Page size: 256 bytes
Additional Write lockable page
⚫
Single supply voltage and high speed:
ACE25GD512 2MHz (2.8V - 5.5V)
⚫
Random and sequential Read modes
⚫
Write:
Byte Write within 6 ms
Page Write within 6 ms
Partial Page Writes Allowed
⚫
Write Protect: quarter, half or whole memory array
⚫
Operating temperature range: from -40℃ to 85℃
⚫
High-reliability
Endurance: 1 Million Write Cycles
Data Retention: 100 Years
⚫
Enhanced ESD/Latch-up protection
HBM 8000V
8-lead SOP and CSP8 packages


Similar Part No. - ACE25GD512

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25GD100 ACE-ACE25GD100 Datasheet
182Kb / 3P
SPI 1M Bits Serial EEPROM
VER 1.1
More results

Similar Description - ACE25GD512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512_08 Datasheet
570Kb / 21P
SPI Serial EEPROM 512K (65,536 x 8)
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
SPI Serial EEPROM
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
SPI Serial EEPROM
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
SPI Serial EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
512K bits Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE25GD100 ACE-ACE25GD100 Datasheet
182Kb / 3P
SPI 1M Bits Serial EEPROM
VER 1.1
logo
AiT Semiconductor Inc.
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com