Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AA640GFMLTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25AA640GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA640GFMLTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25AA640GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA640GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
ACE25AA640G
Serial NOR Flash Memory
3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase
VER 1.1
26
Quad I/O Fast Read with ““8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Quad I/O Fast Read command can be used to access a specific portion within a page by issuing “Set
Burst with Wrap” (77H) commands prior to EBH. The “Set Burst with Wrap” (77H) command can either
enable or disable the “Wrap Around” feature for the following EBH commands. When “Wrap Around” is
enabled, the data being accessed can be limited to either an 8/16/32/64-byte section of a 256-byte page.
The output data starts at the initial address specified in the command, once it reaches the ending
boundary of the 8/16/32/64-byte section, the output will wrap around the beginning boundary
automatically until CS# is pulled high to terminate the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
commands. The “Set Burst with Wrap” command allows three “Wrap Bits” W6-W4 to be set. The W4 bit is
used to enable or disable the “Wrap Around” operation while W6-W5 is used to specify the length of the
wrap around section within a page.
Quad I/O Fast Read (EBH) in QPI mode
The Quad I/O Fast Read command is also supported in QPI mode. See Figure11b. In QPI mode, the
number of dummy clocks is configured by the “Set Read Parameters (C0H)” command to accommodate a
wide range application with different needs for either maximum Fast Read frequency or minimum data
access latency.
Depending on the Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as
either 4/6/8. When the dummy cycle is configured to 4, addr[0] input must be 0. In QPI mode, the
“Continuous Read Mode” bits M7-M0 are also considered as dummy clocks. “Continuous Read Mode”
feature is also available in QPI mode for Quad I/O Fast Read command. “Wrap Around” feature is not
available in QPI mode for Quad I/O Fast Read command. To perform a read operation with fixed data
length wrap around in QPI mode, a dedicated “Burst Read with Wrap” (0CH) command must be used.
Figure11b.Quad I/O Fast Read Sequence Diagram (M5-4=(1, 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com