Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GTMTH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25AB400GTMTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GTMTH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GTMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AB400GTMTH Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
13
Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the
capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by SI
and SO, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted
out 2-bit per clock cycle from SI and SO. The command sequence is shown in Figure 11. The first byte
addressed can be at any location. The address is automatically incremented to the next address after
each byte of data is shifted out.
Dual I/O Fast Read with “Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode” bits (M7- 0) after the input 3-byte address (A23-A0). If the “Continuous Read
Mode” bits (M5- 4)=(1, 0), then the next Dual I/O Fast Read command (after CS# is raised and then
lowered) does not require the BBH command code. The command sequence is shown in figure 12. If the
“Continuous Read Mode” bits (M5- 4) do not equal (1, 0), the next command requires the first BBH
command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be
used to reset (M5- 4) before issuing normal command.
Figure9. Dual I/O Fast Read Sequence Diagram (M5-
4≠(1, 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com