Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC400GTMTH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE25AC400GTMTH
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400GTMTH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE25AC400GTMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400GTMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
5
Status Register
S7
S6
S5
S4
S3
S2
S1
S0
Reserved
Reserved
Reserved
BP2
BP1
BP0
WEL
WIP
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status
register progress. When WIP bit sets to 1, the device is busy in program/erase/write status register
progress. When WIP bit sets 0, the device is not in program, erase or write status register.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1,
the internal Write Enable Latch is set. When set to 0, the internal Write Enable Latch is reset and no Write
Status Register, Program or Erase command is accepted.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, and BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase commands. These bits are written with the Write Status
Register (WRSR) command. When the Block Protect (BP2, BP1, and BP0) bits are set to 1, the relevant
memory area (as defined in Table1) becomes protected against Page Program (PP), Sector Erase (SE)
and Block Erase (BE) commands. Chip Erase command will be ignored if one or more of the Block
Protect (BP2, BP1, and BP0) bits are 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com