Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6N-PF1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R6N-PF1-R
Description  Remote I/O R6 Series POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6N-PF1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R6N-PF1-R Datasheet HTML 1Page - M-System Co.,Ltd. R6N-PF1-R Datasheet HTML 2Page - M-System Co.,Ltd. R6N-PF1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R6N-PF1
R6N-PF1 SPECIFICATIONS
ES-7781-AV Rev.2 Page 2/3
https://www.m-system.co.jp/
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1,EN 61010-2-201
Measurement Category II (RUN contact output)
Pollution Degree 2
RUN contact output to internal bus or power
supply: Reinforced insulation (300 V)
RoHS Directive
CURRENT CONSUMPTION
The network module and I/O modules operate with 24V DC
power supply via the power supply module. The total
current consumption of the network module and I/O
modules is required to be not more than 1 A. If the total
current consumption exceeds 1 A, change the combination
of I/O modules or reduce the number of I/O modules.
R6xSV2 20mA
R6xSS2 20mA
R6xTS2 20mA
R6xTS2A 20mA
R6xRS2 20mA
R6xDS1 55mA
R6xYV2 25mA
R6xYS2 45mA
R6xDA4 10mA
R6xDC4A 20mA
R6xDC4B 20mA
R6NC1 110mA
R6NC3 110mA
R6ND1 40mA
R6NE1 75mA
R6NE2 75mA
R6NM1 50mA
R6NM2 50mA
R6NF1 100mA
R6NP1 100mA
EXTERNAL VIEW
(With the cover open)
Power LED
RUN LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com