Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6221AD
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AD Datasheet(HTML) 4 Page - STMicroelectronics

  L6221AD Datasheet HTML 1Page - STMicroelectronics L6221AD Datasheet HTML 2Page - STMicroelectronics L6221AD Datasheet HTML 3Page - STMicroelectronics L6221AD Datasheet HTML 4Page - STMicroelectronics L6221AD Datasheet HTML 5Page - STMicroelectronics L6221AD Datasheet HTML 6Page - STMicroelectronics L6221AD Datasheet HTML 7Page - STMicroelectronics L6221AD Datasheet HTML 8Page - STMicroelectronics L6221AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS
Refer to the test circuit to Fig. 1 to Fig. 9 (VS = 5V, Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min . Typ . Max .
Unit
VS
Logic Supply Voltage
4.5
5.5
V
Is
Logic Supply Current
All Outputs ON, IC = 0.7A
All Outputs OFF
20
20
mA
mA
VCE(sus)
Output Sustaining Voltage
VIN = VINL, VEN = VENH
IC = 100 mA
46
V
ICEX
Output Leakage Current
VCE = 50V
VIN = VINL, VEN = VENH
1mA
VCE(sat)
Collector Emitter Saturation Voltage
(one input on ; all others inputs off.)
Vs = 4.5V
VIN = VINH, VEN = VENH
IC = 0.6A
IC = 1A
IC = 1.8A
1
1.2
1.6
V
VINL, VENL
Input Low Voltage
0.8
V
IINL, IENL
Input Low Current
VIN = VINL, VEN = VENL– 100
µ A
VINL, VENH
Input High Voltage
2.0
V
IINH , IENH
Input High Current
VIN = VINH, VEN = VENH
± 10
µ A
IR
Clamp Diode Leakage Current
VR = 50 V, VEN = VENH
VIN = VINL
100
µ A
VF
Clamp Diode Forward Voltage
IF = 1A
IF = 1.8A
1.6
2.0
V
V
td (on)
Turn on Delay Time
Vp = 5V, RL = 10
Ω
2
µ s
td (off)
Turn off Delay Time
Vp = 5V, RL = 10
Ω
5
µ s
∆Is
Logic Supply Current Variation
VIN = 5V, VEN = 5V
Iout = – 300 mA for Each Channel
120
m A
L6221AS - L6221AD - L6221N
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com