Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6S-DA4/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-DA4/Q
Description  Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DA4/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-DA4/Q Datasheet HTML 1Page - M-System Co.,Ltd. R6S-DA4/Q Datasheet HTML 2Page - M-System Co.,Ltd. R6S-DA4/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6S-DA4
R6S-DA4 SPECIFICATIONS
ES-7781-BC Rev.1 Page 1/3
http://www.m-system.co.jp/
Remote I/O R6 Series
DISCRETE INPUT MODULE, 4 points
(Tension clamp)
Functions & Features
• Discrete input module (positive or negative common) with
4 channels
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6S–DA4[1]
ORDERING INFORMATION
• Code number: R6S-DA4[1]
Specify a code from below for [1].
(e.g. R6S-DA4/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6S-BS)
Input:Tension clamp
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Internal power: Via the Installation Base (model: R6S-BS)
Housing material: Flame-resistant resin (black)
Isolation: Input to internal bus or internal power
Module address: Selectable with DIP and rotary switches on
the side
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
Discrete input status indicators: Red LED;
Refer to the instruction manual for details.
INPUT
Common: Positive or negative common (NPN/PNP) per 2
points
Number of I/O: Input, 4 points
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
INSTALLATION
Current consumption: 10 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6S-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Data allocation: 1
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to internal bus or internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R6S-DA4/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-DC4A MSYSTEM-R6S-DC4A Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4A/Q MSYSTEM-R6S-DC4A/Q Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B/Q MSYSTEM-R6S-DC4B/Q Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6S-DM MSYSTEM-R6S-DM Datasheet
94Kb / 1P
Remote I/O R6 Series BLANK FILLER MODULE
More results

Similar Description - R6S-DA4/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-DC4B MSYSTEM-R6D-DC4B Datasheet
123Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6D-DC4A MSYSTEM-R6D-DC4A Datasheet
122Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6D-DA4 MSYSTEM-R6D-DA4 Datasheet
122Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6N-DA4 MSYSTEM-R6N-DA4 Datasheet
135Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6N-DC4A MSYSTEM-R6N-DC4A Datasheet
135Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6N-DC4B MSYSTEM-R6N-DC4B Datasheet
136Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4A MSYSTEM-R6S-DC4A Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAM16A MSYSTEM-R8-DAM16A Datasheet
178Kb / 5P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com