Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6S-DS/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-DS/Q
Description  Remote I/O R6 Series 4 ??20 mA INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DS/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-DS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R6S-DS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R6S-DS/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6S-DS1
R6S-DS1 SPECIFICATIONS
ES-7781-BP Rev.0 Page 1/3
http://www.m-system.co.jp/
Remote I/O R6 Series
4 – 20 mA INPUT MODULE
(Tension clamp)
Functions & Features
• Compact size remote I/O module for 2-wire transmitter
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6S–DS1[1]
ORDERING INFORMATION
• Code number: R6S-DS1[1]
Specify a code from below for [1].
(e.g. R6S-DS1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6S-BS)
Input:Tension clamp
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Internal power: Via the Installation Base (model: R6S-BS)
Housing material: Flame-resistant resin (black)
Isolation: Input to internal bus or internal power
Zero adjustments: PC programming
Span adjustments: PC programming
Module address: Selectable with DIP and rotary switches on
the side
Configuration mode: With DIP switches on the side panel
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
SUPPLY OUTPUT
(across the terminals 3 – 4)
Output voltage: 24 – 28 V DC with no load
19 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
Permissible leadwire resistance:
R L ≤ ((19 - min. XMTR Operational Voltage) V ÷ 0.02 A ) Ω
• Shortcircuit Protection
Current limited: 45 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Input resistance: 250 Ω resistor incorporated
INSTALLATION
Current consumption: 55 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6S-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Conversion rate (PC programmable. Factory set to 80
msec.)/conversion accuracy:
10 msec./±0.8 %
20 msec./±0.4 %
40 msec./±0.2 %
80 msec./±0.1 %
Data range: 0 – 10000
Data allocation: 1
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Response time: Conversion rate × 2 + 50 msec. or less
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC


Similar Part No. - R6S-DS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-DA4 MSYSTEM-R6S-DA4 Datasheet
144Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6S-DA4/Q MSYSTEM-R6S-DA4/Q Datasheet
144Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6S-DC4A MSYSTEM-R6S-DC4A Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4A/Q MSYSTEM-R6S-DC4A/Q Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
More results

Similar Description - R6S-DS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-RS2 MSYSTEM-R6D-RS2 Datasheet
124Kb / 3P
Remote I/O R6 Series RTD INPUT MODULE
R6D-DS1 MSYSTEM-R6D-DS1 Datasheet
118Kb / 3P
Remote I/O R6 Series 4 ??20 mA INPUT MODULE
R6N-DS1 MSYSTEM-R6N-DS1 Datasheet
131Kb / 3P
Remote I/O R6 Series 4 ??20 mA INPUT MODULE
R6N-TS2 MSYSTEM-R6N-TS2 Datasheet
140Kb / 4P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A MSYSTEM-R6N-TS2A Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R3-DS4 MSYSTEM-R3-DS4 Datasheet
128Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R3Y-DS4 MSYSTEM-R3Y-DS4 Datasheet
125Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R5-DS1A MSYSTEM-R5-DS1A Datasheet
113Kb / 3P
Remote I/O R5 Series 4 ??20 mA INPUT MODULE
R6S-TS2 MSYSTEM-R6S-TS2 Datasheet
152Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com