Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6S-PF1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-PF1-R
Description  Remote I/O R6 Series POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-PF1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-PF1-R Datasheet HTML 1Page - M-System Co.,Ltd. R6S-PF1-R Datasheet HTML 2Page - M-System Co.,Ltd. R6S-PF1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6S-PF1
R6S-PF1 SPECIFICATIONS
ES-7781-BF Rev.2 Page 1/3
https://www.m-system.co.jp/
Remote I/O R6 Series
POWER SUPPLY MODULE
(Tension clamp)
Functions & Features
• Provides internal power needed for I/O and network
modules from power input
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6S–PF1–R[1]
ORDERING INFORMATION
• Code number: R6S-PF1-R[1]
Specify a code from below for [1].
(e.g. R6S-PF1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6S-BS)
RUN contact output, power supply: Tension clamp
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Internal power: Via the Installation Base (model: R6S-BS)
Housing material: Flame-resistant resin (black)
Isolation: RUN contact output to internal bus or internal
power or power input to FG
Power indicator LED: Green LED turns on when the power is
supplied.
RUN indicator: Orange LED turns on in normal
communication with the host PLC.
■ RUN CONTACT OUTPUT
RUN contact: Terminals (2 – 3) turns ON and (4 – 3) OFF in
normal communication with the host PLC;
Terminals (2 – 3) turns OFF and (4 – 3) ON in abnormal
communication.
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (rate 300 cycles/min.) When
driving an inductive load, external contact protection and
noise quenching recommended.
INSTALLATION
Power input
•DC: Operational voltage range 24 V DC ±10 % ripple 10 %
p-p max. Approx. 1 A with the maximum I/O extension
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6S-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (RUN contact
output to internal bus or internal power or power input to
FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1,EN 61010-2-201
Measurement Category II (RUN contact output)
Pollution Degree 2
RUN contact output to internal bus or power
supply: Reinforced insulation (300 V)
RoHS Directive


Similar Part No. - R6S-PF1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-PF1-R MSYSTEM-R6S-PF1-R Datasheet
127Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
R6S-PF1-R/Q MSYSTEM-R6S-PF1-R/Q Datasheet
127Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
More results

Similar Description - R6S-PF1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-PF MSYSTEM-R6D-PF Datasheet
110Kb / 4P
Remote I/O R6 Series POWER SUPPLY MODULE
R6D-DM MSYSTEM-R6D-DM Datasheet
84Kb / 1P
Remote I/O R6 Series BLANK FILLER MODULE
R6N-D1 MSYSTEM-R6N-D1 Datasheet
196Kb / 7P
Remote I/O R6 Series
R6N-PF MSYSTEM-R6N-PF Datasheet
118Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
R6N-TS2 MSYSTEM-R6N-TS2 Datasheet
140Kb / 4P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6P-SM MSYSTEM-R6P-SM Datasheet
103Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
R6D-PF1 MSYSTEM-R6D-PF1 Datasheet
110Kb / 4P
Remote I/O R6 Series POWER SUPPLY MODULE
R6S-PF1 MSYSTEM-R6S-PF1 Datasheet
127Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
R6N-PF1 MSYSTEM-R6N-PF1 Datasheet
118Kb / 3P
Remote I/O R6 Series POWER SUPPLY MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com