Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4905AMSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4905AMSTR
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905AMSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4905AMSTR Datasheet HTML 4Page - Semtech Corporation SC4905AMSTR Datasheet HTML 5Page - Semtech Corporation SC4905AMSTR Datasheet HTML 6Page - Semtech Corporation SC4905AMSTR Datasheet HTML 7Page - Semtech Corporation SC4905AMSTR Datasheet HTML 8Page - Semtech Corporation SC4905AMSTR Datasheet HTML 9Page - Semtech Corporation SC4905AMSTR Datasheet HTML 10Page - Semtech Corporation SC4905AMSTR Datasheet HTML 11Page - Semtech Corporation SC4905AMSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC4905A/B
POWER MANAGEMENT
PRELIMINARY
 2002 Semtech Corp.
www.semtech.com
8
VDD UNDER VOLTAGE LOCK OUT
According to the application, and the voltages available,
the SC4905A (UVLO = 4.5V), or the SC4905B (UVLO =
12.5V) can be used to provide the VDD undervoltage lock
out function to ensure the converters controlled start up.
Before the VDD UVLO has been reached, the internal ref-
erence, oscillator, OUT driver, and logic are disabled.
REFERENCE
A 4V (SC4905A) or a 5V(SC4905B) reference voltage is
available that can be used to source a typical current of
3mA to the external circuitry. The REF can be used to
provide the feed back circuitry with a regulated bias.
OSCILLATOR
The oscillator frequency is set by connecting a RC network
as shown below.
U1
SC4905
4
5
3
2
10
1
6
7
8
9
DMAX
RC
VFF
FB
REF
VDD
SYNC
ILIM
GND
OUT
RB
8.25k
RT
280k
RM
2k
Rosc
499k
Cosc
220p, 16V
Vin
The oscillator has a ramp voltage that will track the volt-
age at the VFF pin (1.2V<VFF<3.6V). The oscillator peak
voltage is derived by charging the oscillator capacitor (Cosc)
to the VFF voltage via the oscillator resistor (Rosc). The
bias current to charge the Cosc is controlled by the Rosc.
Once the RC pin has reached the VFF voltage, the oscil-
lator ramp is discharged by an internal switch hence cre-
ating the triangle oscillator ramp.
Since the Rosc is referenced to the input supply volt-
age, any variation in the supply is directly translated into
a variation in the duty cycle, while maintaining the fixed
frequency operation.
Application Information (Cont.)
Following equation can be used to calculate the oscilla-
tor frequency:
()
05
.
1
VFF
C
R
2
VFF
Vin
F
OSC
OSC
OSC
•
•
•
−
≅
The recommended range if timing resistors is between 10
kohm and 500kohm and range of timing capacitors is
between 100pF and 1000pF. Timing resistors less than
10 kohm should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com