Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452012
Description  Printed-circuit board connector - BCH-350H- 6 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452012 Datasheet HTML 1Page - PHOENIX CONTACT 5452012 Datasheet HTML 2Page - PHOENIX CONTACT 5452012 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452012
04/28/2016   Page 1 / 3
Printed-circuit board connector - BCH-350H- 6 BK - 5452012
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 6, Pitch: 3.5 mm, Color: black,
Contact surface: Tin, Mounting: Wave soldering
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
1.4 g
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440402
eCl@ss 9.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 5452012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452010 PHOENIX-5452010 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 4 BK
5452011 PHOENIX-5452011 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 5 BK
5452013 PHOENIX-5452013 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 7 BK
5452014 PHOENIX-5452014 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 8 BK
5452015 PHOENIX-5452015 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 9 BK
More results

Similar Description - 5452012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452020 PHOENIX-5452020 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-14 BK
5452025 PHOENIX-5452025 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-19 BK
5452026 PHOENIX-5452026 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-20 BK
5452009 PHOENIX-5452009 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 3 BK
5452014 PHOENIX-5452014 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 8 BK
5452015 PHOENIX-5452015 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H- 9 BK
5452017 PHOENIX-5452017 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-11 BK
5452019 PHOENIX-5452019 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-13 BK
5452021 PHOENIX-5452021 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-15 BK
5452024 PHOENIX-5452024 Datasheet
97Kb / 3P
Printed-circuit board connector - BCH-350H-18 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com